PART |
Description |
Maker |
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
3819GROUP E3819G M38198EC-XXXFP M38198MC-XXXKP M38 |
RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer From old datasheet system Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
L9805 8035 |
Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful From old datasheet system SUPER SMART POWER MOTOR DRIVER WITH 8-BIT MCU, CAN INTERFACE, 16 K EPROM, 256 BYTES RAM, 128 BYTES EEPROM, 10 BIT ADC, WDG, 2 TIMERS
|
STMICROELECTRONICS[STMicroelectronics]
|
M5M5V208FP-10LL-W M5M5V208FP-10L-W M5M5V208FP-12LL |
From old datasheet system Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes 2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM 2097152位(262144 - Word8位)的CMOS静态RAM 2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM 2097152位(262144 - Word位)的CMOS静RAM 2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM 2097152位(262144 - Word位)的CMOS静态RAM
|
http:// MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
GMS97L1051 GMS97L1051-D GMS97C1051 GMS97C1051-24 G |
ROM/RAM size:2 Kb/128 bytes,4.25-5.5 V, 12 MHz, 8-bit microcontroller ROM/RAM size:2 Kb/128 bytes,4.25-5.5 V, 24 MHz, 8-bit microcontroller 8-Bit CMOS Microcontorller
|
Hynix Semiconductor N.A.
|
CY7C60323-LTXC CY7C60323-PVXC CY7C60323-LTXCT CY7C |
enCoRe III Low Voltage Wireless presenter tools enCoRe?/a> III Low Voltage Wireless presenter tools enCoRe(TM) III Low Voltage; Core: M8C; Code Memory Architecture: Flash; Code Memory Size: 8 KB; RAM size: 512 B MULTIFUNCTION PERIPHERAL, QCC32 enCoRe(TM) III Low Voltage; Core: M8C; Code Memory Architecture: Flash; Code Memory Size: 8 KB; RAM size: 512 B
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
MB84VA2107-10 MB84VA2106-10 |
Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:11; No. Strands x Strand Size:7 x 19; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes 16M (x16) FLASH MEMORY & 1M (x 8) STATIC RAM
|
Fujitsu Limited Fujitsu Component Limited. Fujitsu Component Limit...
|
SG25664A |
GRAPHIC LCD MODULE display format: 16x4; module size: 180x65x9.7; viewing size: 134.0x40.4; character size: 7.97x7.97; dot size: 0.47x0.47; controller: ST7920;
|
SUNLIKE
|
STB60NE03L-10 5466 |
N - CHANNEL ENHANCEMENT MODE ?SINGLE FEATURE SIZE ?POWER MOSFET N - CHANNEL ENHANCEMENT MODE ” SINGLE FEATURE SIZE ” POWER MOSFET From old datasheet system N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET N-CHANNEL Power MOSFET PC 8C 8#20 SKT RECP -通道增强型“特征尺寸单”功率MOSFET
|
STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics STMicroelectronics N.V.
|
SC2004G |
CHARACTER LCD MODULE display format: 20x4; module size: 98x60x8.8; viewing size: 77.0x26.3; character size: 2.95x4.75; dot size: 0.55x0.55; SC2004G (20 CHARACTERS x 4 LINES)
|
SUNLIKE ETC[ETC] List of Unclassifed Manufacturers
|
DV16210 |
CHARACTER LCD MODULE display format: 16x2; module size: 122.0x44.0x10.0; viewing size: 99.0x24.0; dot size: 0.92x1.10; character size: 4.84x8.06;
|
Data International CO.LTD.
|